PART |
Description |
Maker |
2N3792 |
PNP SILICON EPITAXIAL BASE POWER TANSISTORS
|
SemeLAB Seme LAB
|
BD201 BD202 BD204 BD203 |
EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
|
GE Security, Inc. GE[General Semiconductor]
|
KSA733R KSA733Y KSA733 KSA733CG KSA733CL KSA733CO |
PNP Epitaxial Silicon Transistor Low Frequency Amplifier 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Collector-Base Voltage : VCBO= -60V
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
BDS13SMD BDS13SMD05 BDS1307 BDS14SMD05 |
SILICON PNP EPITAXIAL BASE IN TO220 METAL AND CERAMIC SURFACE MOUNT PACKAGES
|
Seme LAB
|
2SA1766 |
PNP Epitaxial Planar Silicon Transistor High hFE, Low-Frequency General-Purpose Amplifier Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1864 0174 |
PNP Epitaxial Planar Silicon Transistor Muting Circuits, Driver Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1839 |
PNP Epitaxial Planar Silicon Transistor for Muting Circuit Applications(用于噪声抑制电路应用的PNP硅外延平面型晶体 PNP Epitaxial Planar Silicon Transistors
|
Sanyo Electric Co.,Ltd.
|
2SA1898 0180 |
PNP Epitaxial Planar Silicon Transistor DC/DC Converter Application From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
KSB601Y KSB601 KSB601O KSB601R KSB601OTU KSB601YTS |
PNP Epitaxial Silicon Darlington Transistor PNP Epitaxial Silicon Transistor Low Frequency Power Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
2SA1882 0177 |
PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2N5337A-220M |
SILICON NPN EPITAXIAL BASE IN TO220 METAL PACKAGE NPN Epitaxial Base Transistor(TO220 Metal PackageNPN外延晶体管(TO220 金属封装,高可靠性)) DIODE SCHOTTKY SINGLE 25V 150mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-523 3K/REEL
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited
|
2SA1815 |
PNP Epitaxial Planar Silicon Transistor FM, RF, MIX, IF Amplifier, High-Frequency General-Purpose Amplifier Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|